Part Number Hot Search : 
LP116 CT357A A5800874 LM239AP R3001 N5404 2520E BCX5510
Product Description
Full Text Search
 

To Download M60U10M100-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type M60 Y5U Multilayer Ceramic Capacitors
Radial Leaded Noise Suppressor
The Type M60 conformally coated radial leaded multilayer ceramic capacitor is constructed with a general purpose Y5U material that has a maximum operating temperature from -55 C to +125 C. It is excellent for noise suppression in automotive applications.
Highlights
* * * * * Conformally coated, radial leaded Ultra high insulation resistance Ultra High withstand voltage Excellent for noise suppression Great for automotive ignition noise suppression
Specifications
Capacitance Range: Voltage Range: Capacitance Tolerance: Temperature Coefficient: Maximum Operating Temperature: Dissipation Factor: Insulation Resistance: Withstand Voltage: Available in Tape and Ammo Pack Configuration: Maximum Ripple Current:
0.1 F to 100 F 25, 50, 100, 250 WVdc 20% Y5U -55 C to +125 C 2.5% 1000 x F or 10,000 M whichever is less 250% of rated voltage is applied for 1 to 5 sec. Add `TA' to end of catalog part number
Length Arms .200 0.3 .248 0.8 .295 1.0 .394 1.5 .531 2.0 .886 3.0
RoHS Compliant
1.12 4.0
Ratings
Catalog Part Number M60UR68M25-F M60U1M25-F M60U1R5M25-F M60U2R2M25-F M60U3R3M25-F M60U4R7M25-F M60U6R8M25-F M60U10M25-F M60U15M25-F M60U22M25-F M60U33M25-F M60U47M25-F M60U68M25-F M60U100M25-F M60UR10M50-F M60UR47M50-F M60UR68M50-F M60U1M50-F M60U1R5M50-F M60U3R3M50-F M60U4R7M50-F M60U6R8M50-F M60U10M50-F M60U15M50-F M60U22M50-F M60U33M50-F M60U47M50-F M60U68M50-F Cap Voltage Temp. Size (Inches) F Vdc Coeff. L H T S d .68 25 Y5U .200 .177 .138 .197 .020 1.0 25 Y5U .200 .177 .138 .197 .020 1.5 25 Y5U .248 .197 .157 .197 .020 2.2 25 Y5U .248 .197 .157 .197 .020 3.3 25 Y5U .295 .295 .157 .197 .020 4.7 25 Y5U .295 .295 .157 .197 .020 6.8 25 Y5U .394 .394 .197 .197 .020 10 25 Y5U .394 .394 .197 .197 .020 15 25 Y5U .531 .531 .216 .394 .024 22 25 Y5U .531 .531 .216 .394 .024 33 25 Y5U .866 .689 .335 .787 .031 47 25 Y5U .866 .689 .335 .787 .031 68 25 Y5U 1.120 .689 .335 .984 .031 100 25 Y5U 1.120 .689 .335 .984 .031 .10 50 Y5U .200 .177 .138 .197 .020 .47 50 Y5U .200 .177 .138 .197 .050 .68 50 Y5U .248 .197 .157 .197 .020 1.0 50 Y5U .248 .197 .157 .197 .020 1.5 50 Y5U .295 .295 .157 .197 .020 3.3 50 Y5U .295 .295 .157 .197 .020 4.7 50 Y5U .394 .394 .197 .197 .020 6.8 50 Y5U .394 .394 .197 .197 .020 10 50 Y5U .531 .531 .216 .394 .024 15 50 Y5U .531 .531 .216 .394 .024 22 33 47 68 50 50 50 50 Y5U Y5U Y5U Y5U .866 .689 .335 .787 .031 .866 .689 .335 .787 .031 1.120 .689 .335 .984 .031 1.120 .689 .335 .984 .031
Length 'TA' Ammo Pack, Full Boxes Only Not available in larger sizes .200 .248 .394 Qty Per Box 2,000 2,000 1,500
Catalog Cap Voltage Temp. Size (Inches) Part Number F Vdc Coeff. L H T S d M60UR10M100-F .10 100 Y5U .200 .177 .138 .197 .020 M60UR15M100-F .15 100 Y5U .200 .177 .138 .197 .020 M60UR22M100-F .22 100 Y5U .200 .177 .138 .197 .020 M60UR33M100-F .33 100 Y5U .248 .197 .157 .197 .020 M60UR47M100-F .47 100 Y5U .248 .197 .157 .197 .020 M60UR68M100-F .68 100 Y5U .295 .295 .157 .197 .020 M60U1M100-F 1.0 100 Y5U .295 .295 .157 .197 .020 M60U1R5M100-F 1.5 100 Y5U .295 .295 .157 .197 .020 M60U2R2M100-F 2.2 100 Y5U .394 .394 .197 .197 .020 M60U3R3M100-F 3.3 100 Y5U .394 .394 .197 .197 .020 M60U4R7M100-F 4.7 100 Y5U .531 .531 .216 .394 .024 M60U6R8M100-F 6.8 100 Y5U .531 .531 .216 .394 .024 M60U10M100-F 10 100 Y5U .866 .689 .335 .787 .031 M60U15M100-F 15 100 Y5U .866 .689 .335 .787 .031 M60U22M100-F 22 100 Y5U 1.120 .689 .335 .984 .031 M60U33M100-F 33 100 Y5U 1.120 .689 .335 .984 .031 M60UR10M250-F .10 250 Y5U .248 .197 .157 .197 .020 M60UR15M250-F .15 250 Y5U .248 .197 .157 .197 .020 M60UR22M250-F .22 250 Y5U .295 .295 .157 .197 .020 M60UR33M250-F .33 250 Y5U .295 .295 .157 .197 .020 M60UR47M250-F .47 250 Y5U .394 .394 .197 .197 .020 M60UR68M250-F .68 250 Y5U .394 .394 .197 .197 .020 M60U1M250-F 1.0 250 Y5U .531 .531 .216 .394 .024 M60U1R5M250-F 1.5 250 Y5U .531 .531 .216 .394 .024 M60U2R2M250-F M60U3R3M250-F M60U4R7M250-F M60U6R8M250-F 2.2 3.3 4.7 6.8 250 250 250 250 Y5U Y5U .866 .689 .335 .787 .031 .866 .689 .335 .787 .031
Y5U 1.120 .689 .335 .984 .031 Y5U 1.120 .689 .335 .984 .031
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of M60U10M100-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X